Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F51406BDFK Fiches technique(PDF) 32 Page - Renesas Technology Corp

No de pièce R5F51406BDFK
Description  48-MHz, 32-bit RX MCUs, on-chip FPU, 204 Coremark, up to 256-KB flash memory, up to 36 pins capacitive touch sensing unit, up to 9 comms channels, 12-bit A/D, D/A, RTC, IEC60730 compliance, 1.8-V to 5.5-V single supply, Encryption functions (optional)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51406BDFK Fiches technique(HTML) 32 Page - Renesas Technology Corp

Back Button R5F51406BDFK Datasheet HTML 28Page - Renesas Technology Corp R5F51406BDFK Datasheet HTML 29Page - Renesas Technology Corp R5F51406BDFK Datasheet HTML 30Page - Renesas Technology Corp R5F51406BDFK Datasheet HTML 31Page - Renesas Technology Corp R5F51406BDFK Datasheet HTML 32Page - Renesas Technology Corp R5F51406BDFK Datasheet HTML 33Page - Renesas Technology Corp R5F51406BDFK Datasheet HTML 34Page - Renesas Technology Corp R5F51406BDFK Datasheet HTML 35Page - Renesas Technology Corp R5F51406BDFK Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 118 page
background image
R01DS0379EJ0110 Rev.1.10
Page 32 of 118
Apr 20, 2022
RX140 Group
2. Electrical Characteristics
Figure 2.2
Voltage Dependency in Middle-Speed Operating Mode (Reference Data for Products with 64-
Kbyte ROM)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
2
4
6
8
10
12
Ta = 25°C, ICLK = 24 MHz
*1
Ta = 105°C, ICLK = 24 MHz
*2
Ta = 25°C, ICLK = 8 MHz
*1
Ta = 105°C, ICLK = 8 MHz
*2
Ta = 25°C, ICLK = 4 MHz
*1
Ta = 105°C, ICLK = 4 MHz
*2
Ta = 25°C, ICLK = 1 MHz
*1
Ta = 105°C, ICLK = 1 MHz
*2
VCC (V)
Ta = 105°C, ICLK = 24 MHz
*2
Ta = 25°C, ICLK = 24 MHz
*1
Ta = 105°C, ICLK = 8 MHz
*2
Ta = 105°C, ICLK = 4 MHz
*2
Ta = 25°C, ICLK = 8 MHz
*1
Ta = 105°C, ICLK = 1 MHz
*2
Ta = 25°C, ICLK = 4 MHz
*1
Ta = 25°C, ICLK = 1 MHz
*1
Note 1. All peripheral operation is normal. This does not include BGO operation. Average value of the tested
middle samples during product evaluation.
Note 2. All peripheral operation is maximum. This does not include BGO operation. Average value of the tested
upper-limit samples during product evaluation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More