Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AIS25BATR Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce AIS25BATR
Description  Ultralow noise, wide bandwidth, 3-axis accelerometer with TDM interface for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS25BATR Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button AIS25BATR Datasheet HTML 18Page - STMicroelectronics AIS25BATR Datasheet HTML 19Page - STMicroelectronics AIS25BATR Datasheet HTML 20Page - STMicroelectronics AIS25BATR Datasheet HTML 21Page - STMicroelectronics AIS25BATR Datasheet HTML 22Page - STMicroelectronics AIS25BATR Datasheet HTML 23Page - STMicroelectronics AIS25BATR Datasheet HTML 24Page - STMicroelectronics AIS25BATR Datasheet HTML 25Page - STMicroelectronics AIS25BATR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
9
Soldering information
The LGA package is compliant with the ECOPACK and RoHS standard.
It is qualified for soldering heat resistance according to JEDEC J-STD-020.
For land pattern and soldering recommendations, consult technical note TN0018 available on www.st.com.
AIS25BA
Soldering information
DS14019 - Rev 1
page 22/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31