Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AIS25BATR Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce AIS25BATR
Description  Ultralow noise, wide bandwidth, 3-axis accelerometer with TDM interface for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS25BATR Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button AIS25BATR Datasheet HTML 5Page - STMicroelectronics AIS25BATR Datasheet HTML 6Page - STMicroelectronics AIS25BATR Datasheet HTML 7Page - STMicroelectronics AIS25BATR Datasheet HTML 8Page - STMicroelectronics AIS25BATR Datasheet HTML 9Page - STMicroelectronics AIS25BATR Datasheet HTML 10Page - STMicroelectronics AIS25BATR Datasheet HTML 11Page - STMicroelectronics AIS25BATR Datasheet HTML 12Page - STMicroelectronics AIS25BATR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
4
TDM interface specifications
Time-division multiplexing (TDM) is a method of putting multiple data streams in one data signal by separating the
signal into many frames. There are many ways to accomplish this.
4.1
TDM interface overview
The block diagram of the TDM interface implemented in the AIS25BA device is illustrated in the following figure.
Figure 4. TDM block diagram
As depicted in the figure above, the TDM interface is comprised of two control clocks, a frame synchronization
(WCLK) a serial clock (BCLK), and the serial data out (SDOUT).
AIS25BA
TDM interface specifications
DS14019 - Rev 1
page 9/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31