Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AIS25BATR Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce AIS25BATR
Description  Ultralow noise, wide bandwidth, 3-axis accelerometer with TDM interface for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS25BATR Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button AIS25BATR Datasheet HTML 13Page - STMicroelectronics AIS25BATR Datasheet HTML 14Page - STMicroelectronics AIS25BATR Datasheet HTML 15Page - STMicroelectronics AIS25BATR Datasheet HTML 16Page - STMicroelectronics AIS25BATR Datasheet HTML 17Page - STMicroelectronics AIS25BATR Datasheet HTML 18Page - STMicroelectronics AIS25BATR Datasheet HTML 19Page - STMicroelectronics AIS25BATR Datasheet HTML 20Page - STMicroelectronics AIS25BATR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
6.2.2
Disabled mode
The AIS25BA can be put in disabled mode using the I²C interface. The power-down command will be executed
immediately (no wait state).
The AIS25BA can be resumed from disabled mode using the I²C as well. In this case the MCLK/BCLK/WCLK
clocks must be set to the correct values before writing to the I²C.
Please refer to the following figure for the disabled mode sequence.
Figure 10. Disabled mode sequence
AIS25BA
Power cycle/reset information
DS14019 - Rev 1
page 17/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31