Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VSC8540XMVRT-HC Fiches technique(PDF) 57 Page - Microchip Technology

No de pièce VSC8540XMVRT-HC
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-HC Fiches technique(HTML) 57 Page - Microchip Technology

Back Button VSC8540XMVRT-HC Datasheet HTML 53Page - Microchip Technology VSC8540XMVRT-HC Datasheet HTML 54Page - Microchip Technology VSC8540XMVRT-HC Datasheet HTML 55Page - Microchip Technology VSC8540XMVRT-HC Datasheet HTML 56Page - Microchip Technology VSC8540XMVRT-HC Datasheet HTML 57Page - Microchip Technology VSC8540XMVRT-HC Datasheet HTML 58Page - Microchip Technology VSC8540XMVRT-HC Datasheet HTML 59Page - Microchip Technology VSC8540XMVRT-HC Datasheet HTML 60Page - Microchip Technology VSC8540XMVRT-HC Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 87 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS60001603E-page 57
VSC8540RT
6.4.11
EXTENDED INTERRUPT MASK
The following table shows the register settings for the extended interrupt mask at address 28E2.
11:8
Address repetition count in Magic packet R/W
Sticky bit.
Count value:
0000: 1
0001: 2
0010: 3
0011: 4
0100: 5
0101: 6
0110: 7
0111: 8
1000: 9
1001: 10
1010: 11
1011: 12
1100: 13
1101: 14
1110: 15
1111: 16
1111
7:5
Pad edge rate control
R/W
Sticky bit.
MAC interface edge rate control.
000: Slowest edge rate
001: +1 pad edge rate
010: +2 pad edge rate
011: +3 pad edge rate
100: +4 pad edge rate
101: +5 pad edge rate
110: +6 pad edge rate
111: +7 pad edge rate (fastest)
111
4
RMII CLKOUT enable
R/W
Sticky bit.
0: RMII CLKOUT disabled.
1: RMII CLKOUT enabled.
1
3:1
Reserved
RO
Reserved.
0
MDINT CMOS drive
R/W
Sticky bit.
0: Disabled.
1: Enabled.
0
TABLE 6-46:
EXTENDED INTERRUPT MASK, ADDRESS 28E2 (0X1C)
Bit
Name
Access
Description
Default
15:14
Reserved
RO
Reserved.
13
Rx FIFO overflow/underflow interrupt mask
R/W
Sticky bit. 1: Enabled.
0
12
Tx FIFO overflow/underflow interrupt mask
R/W
Sticky bit. 1: Enabled.
0
11:4
Reserved
RO
Reserved.
3
EEE link fail interrupt mask
R/W
Sticky bit. 1: Enabled.
0
2
EEE Rx TQ timer interrupt mask
R/W
Sticky bit. 1: Enabled.
0
1
EEE wait quiet/Rx TS timer interrupt mask
R/W
Sticky bit. 1: Enabled.
0
0
EEE wake error interrupt mask
R/W
Sticky bit. 1: Enabled.
0
TABLE 6-45:
WOL AND MAC INTERFACE CONTROL, ADDRESS 27E2 (0X1B) (CONTINUED)
Bit
Name
Access
Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87