| Moteur de recherche de fiches techniques de composants électroniques |
|
USB5742B/2G Fiches technique(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5742B/2G Fiches technique(HTML) 11 Page - Microchip Technology |
|
11 / 48 page ![]() 2022 Microchip Technology Inc. and its subsidiaries DS00002016H-page 11 USB5742B TABLE 3-3: USB 3.2 GEN 1 PIN DESCRIPTIONS Num Pins Symbol Buffer Type Description 1 USB3UP_TXDP IO-U USB 3.2 Gen 1 upstream SuperSpeed transmit data plus. 1 USB3UP_TXDM IO-U USB 3.2 Gen 1 upstream SuperSpeed transmit data minus. 1 USB3UP_RXDP IO-U USB 3.2 Gen 1 upstream SuperSpeed receive data plus. 1 USB3UP_RXDM IO-U USB 3.2 Gen 1 upstream SuperSpeed receive data minus. 2 USBDN_TXDP[2:1] IO-U USB 3.2 Gen 1 downstream ports 2-1 SuperSpeed transmit data plus. Note: If unused, leave floating. 2 USBDN_TXDM[2:1] IO-U USB 3.2 Gen 1 downstream ports 2-1 SuperSpeed transmit data minus. Note: If unused, leave floating. 2 USBDN_RXDP[2:1] IO-U USB 3.2 Gen 1 downstream ports 2-1 SuperSpeed receive data plus. Note: If unused, leave floating. 2 USBDN_RXDM[2:1] IO-U USB 3.2 Gen 1 downstream ports 2-1 SuperSpeed receive data minus. Note: If unused, leave floating. TABLE 3-4: USB 2.0 PIN DESCRIPTIONS Num Pins Symbol Buffer Type Description 1 USB2UP_DP IO-U USB 2.0 upstream data plus (D+). 1 USB2UP_DM IO-U USB 2.0 upstream data minus (D-). 2 USB2DN_DP[2:1] IO-U USB 2.0 downstream ports 2-1 data plus (D+). PRT_DIS_P[2:1] I Port 2-1 D+ Disable Configuration Strap. These configuration straps are used in conjunction with the corre- sponding PRT_DIS_M[2:1] straps to disable the related port (2-1). Refer to Section 3.4.2, "Port Disable Configuration (PRT_DIS_P[2:1] / PRT_DIS_M[2:1])" for more information. See Note 2. 2 USB2DN_DM[2:1] IO-U USB 2.0 downstream ports 2-1 data minus (D-). PRT_DIS_M[2:1] I Port 2-1 D- Disable Configuration Strap. These configuration straps are used in conjunction with the corre- sponding PRT_DIS_P[2:1] straps to disable the related port (2-1). Refer to Section 3.4.2, "Port Disable Configuration (PRT_DIS_P[2:1] / PRT_DIS_M[2:1])" for more information. See Note 2. |