Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB5742B/2G Fiches technique(PDF) 40 Page - Microchip Technology

No de pièce USB5742B/2G
Description  2-Port SS/HS USB Controller Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5742B/2G Fiches technique(HTML) 40 Page - Microchip Technology

Back Button USB5742B/2G Datasheet HTML 36Page - Microchip Technology USB5742B/2G Datasheet HTML 37Page - Microchip Technology USB5742B/2G Datasheet HTML 38Page - Microchip Technology USB5742B/2G Datasheet HTML 39Page - Microchip Technology USB5742B/2G Datasheet HTML 40Page - Microchip Technology USB5742B/2G Datasheet HTML 41Page - Microchip Technology USB5742B/2G Datasheet HTML 42Page - Microchip Technology USB5742B/2G Datasheet HTML 43Page - Microchip Technology USB5742B/2G Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
USB5742B
DS00002016H-page 40
2022 Microchip Technology Inc. and its subsidiaries
11.0 PACKAGE INFORMATION
11.1
Package Marking Information
* Standard device marking consists of Microchip part number, year code, week code and traceability code.
For device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office.
For QTP devices, any special marking adders are included in QTP price.
Legend:
i
Temperature range designator (Blank = commercial, i = industrial)
R
Product revision
nnn
Internal code
e3
Pb-free JEDEC® designator for Matte Tin (Sn)
V
Plant of assembly
COO Country of origin
YY
Year code (last two digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it
will be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
56-VQFN (7x7 mm)
PIN 1
 
USB5742i
Rnnn e3
VCOO
YYWWNNN
e3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48