Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB5742B/2G Fiches technique(PDF) 22 Page - Microchip Technology

No de pièce USB5742B/2G
Description  2-Port SS/HS USB Controller Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5742B/2G Fiches technique(HTML) 22 Page - Microchip Technology

Back Button USB5742B/2G Datasheet HTML 18Page - Microchip Technology USB5742B/2G Datasheet HTML 19Page - Microchip Technology USB5742B/2G Datasheet HTML 20Page - Microchip Technology USB5742B/2G Datasheet HTML 21Page - Microchip Technology USB5742B/2G Datasheet HTML 22Page - Microchip Technology USB5742B/2G Datasheet HTML 23Page - Microchip Technology USB5742B/2G Datasheet HTML 24Page - Microchip Technology USB5742B/2G Datasheet HTML 25Page - Microchip Technology USB5742B/2G Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
USB5742B
DS00002016H-page 22
 2022 Microchip Technology Inc. and its subsidiaries
5.1.8
NORMAL MODE
Lastly, the hub enters Normal Mode of operation. In this stage full USB operation is supported under control of the USB
Host on the upstream port. The device will remain in the normal mode until the operating mode is changed by the sys-
tem.
If RESET_N is asserted low, then Standby Mode is entered. The device may then be placed into any of the designated
hub stages. Asserting a soft disconnect on the upstream port will cause the hub to return to the Hub.Connect stage until
the soft disconnect is negated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48