Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GL620USB Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce GL620USB
Description  GeneLink-Lite USB PC-to-PC File Transfer Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

GL620USB Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button GL620USB Datasheet HTML 2Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 3Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 4Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 5Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 6Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 7Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Revision 1.6
Nov. 16, 2000
-6-
GL620USB
4. Functional Description
Block diagram of GL620USB-Lite
The GL620USB-Lite is equipped with two full-speed USB ports, and each port has four endpoints to provide
different functions as follows:
-
Endpoint 0: control transfer
-
Endpoint 1: bulk-read transfer
-
Endpoint 2: bulk-write transfer
-
Endpoint 3: interrupt transfer
Two 8-bytes FIFO and four 64-bytes FIFO are built in the device as follows:
-
Left 8-byte FIFO: provide a pipe to link left endpoint 0 and right endpoint 3. For example, if left host wants
to communicate with right host, left host can issue a no data control transfer and the setup command will be stored
64 Byte FIFO
64 Byte FIFO
8 Byte FIFO
8 Bytes FIFO
USB
Interface
USB
Interface
Micro-
controller
USB Registers
&
FIFO Control
D+
D-
D+
D-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12