Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GL620USB Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce GL620USB
Description  GeneLink-Lite USB PC-to-PC File Transfer Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

GL620USB Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  GL620USB Datasheet HTML 1Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 2Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 3Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 4Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 5Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 6Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 7Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Revision 1.6
Nov. 16, 2000
-4-
GL620USB
2. Functional Overview
The GL620USB provides a single-chip solution for connecting two or more PCs via their USB ports. According
to USB protocol, the PC is the host and the device is a slave, where the host initiates all the USB traffic and the
slave responds to the host’s requests. In other words, a host cannot talk to another host via USB protocol; instead,
a host can only talk to one or more devices. The GL620USB’s patent-pending architecture overcomes the USB
inherently incompatibility of connecting two or more PCs by providing two independent USB transceivers and
SIEs for each host, i.e., data can be transferred in both directions simultaneously.
System Diagram
GL620USB
PC A
PC B
USB Connection
USB Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12