Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GL620USB Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce GL620USB
Description  GeneLink-Lite USB PC-to-PC File Transfer Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

GL620USB Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  GL620USB Datasheet HTML 1Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 2Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 3Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 4Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 5Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 6Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 7Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Revision 1.6
Nov. 16, 2000
-5-
GL620USB
3. Applications
We provide application program to share file between 2 PCs. This application is easy to install for end users.
Besides, the file transfer rate of the application program (combined with GL620USB) is up to 8.6Mbps. With this
file transfer application, PCs can share files on all local drives, such as hard drive, floppy, CD-ROM and network
drives.
The GL620USB-Lite file transfer function can be integrated with the following form factors:
•
USB standalone cable
•
USB standalone hub
•
USB monitor with hub
•
PC host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12