Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPC2103 Fiches technique(PDF) 29 Page - NXP Semiconductors

No de pièce LPC2103
Description  Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2103 Fiches technique(HTML) 29 Page - NXP Semiconductors

Back Button LPC2103 Datasheet HTML 24Page - NXP Semiconductors LPC2103 Datasheet HTML 25Page - NXP Semiconductors LPC2103 Datasheet HTML 26Page - NXP Semiconductors LPC2103 Datasheet HTML 27Page - NXP Semiconductors LPC2103 Datasheet HTML 28Page - NXP Semiconductors LPC2103 Datasheet HTML 29Page - NXP Semiconductors LPC2103 Datasheet HTML 30Page - NXP Semiconductors LPC2103 Datasheet HTML 31Page - NXP Semiconductors LPC2103 Datasheet HTML 32Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LPC2101_02_03_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01 — 18 January 2006
29 of 32
Philips Semiconductors
LPC2101/2102/2103
Single-chip 16-bit/32-bit microcontrollers
11. Abbreviations
Table 8:
Acronym list
Acronym
Description
ADC
Analog-to-Digital Converter
APB
Advanced Peripheral Bus
DCC
Debug Communications Channel
DSP
Digital Signal Processor
FIFO
First In, First Out
FIQ
Fast Interrupt Request
GPIO
General Purpose Input/Output
IAP
In-Application Programming
IRQ
Interrupt Request
ISP
In-System Programming
PLL
Phase-Locked Loop
PWM
Pulse Width Modulator
SPI
Serial Peripheral Interface
SRAM
Static Random Access Memory
SSP
Serial Synchronous Port
UART
Universal Asynchronous Receiver/Transmitter
VIC
Vectored Interrupt Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32