Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPC2103 Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce LPC2103
Description  Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2103 Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button LPC2103 Datasheet HTML 3Page - NXP Semiconductors LPC2103 Datasheet HTML 4Page - NXP Semiconductors LPC2103 Datasheet HTML 5Page - NXP Semiconductors LPC2103 Datasheet HTML 6Page - NXP Semiconductors LPC2103 Datasheet HTML 7Page - NXP Semiconductors LPC2103 Datasheet HTML 8Page - NXP Semiconductors LPC2103 Datasheet HTML 9Page - NXP Semiconductors LPC2103 Datasheet HTML 10Page - NXP Semiconductors LPC2103 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LPC2101_02_03_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01 — 18 January 2006
7 of 32
Philips Semiconductors
LPC2101/2102/2103
Single-chip 16-bit/32-bit microcontrollers
P0.10/RTS1/
CAP1.0/AD0.3
35 [4]
38 [4]
I/O
P0.10 — General purpose Input/output digital pin (GPIO).
O
RTS1 — Request to Send output for UART1.
I
CAP1.0 — Capture input for Timer 1, channel 0.
I
AD0.3 — ADC 0, input 3.
P0.11/CTS1/
CAP1.1/AD0.4
36 [3]
39 [3]
I/O
P0.11 — General purpose Input/output digital pin (GPIO).
I
CTS1 — Clear to Send input for UART1.
I
CAP1.1 — Capture input for Timer 1, channel 1.
I
AD0.4 — ADC 0, input 4.
P0.12/DSR1/
MAT1.0/AD0.5
37 [4]
40 [4]
I/O
P0.12 — General purpose Input/output digital pin (GPIO).
I
DSR1 — Data Set Ready input for UART1.
O
MAT1.0 — PWM output for Timer 1, channel 0.
I
AD0.5 — ADC 0, input 5.
P0.13/DTR1/
MAT1.1
41 [4]
43 [4]
I/O
P0.13 — General purpose Input/output digital pin (GPIO).
O
DTR1 — Data Terminal Ready output for UART1.
O
MAT1.1 — PWM output for Timer 1, channel 1.
P0.14/DCD1/
SCK1/EINT1
44 [3]
2 [3]
I/O
P0.14 — General purpose Input/output digital pin (GPIO).
I
DCD1 — Data Carrier Detect input for UART1.
I/O
SCK1 — Serial Clock for SPI1. SPI clock output from master
or input to slave.
I
EINT1 — External interrupt 1 input.
P0.15/RI1/
EINT2
45 [4]
3 [4]
I/O
P0.15 — General purpose Input/output digital pin (GPIO).
I
RI1 — Ring Indicator input for UART1.
I
EINT2 — External interrupt 2 input.
P0.16/EINT0/
MAT0.2
46 [2]
4 [2]
I/O
P0.16 — General purpose Input/output digital pin (GPIO).
I
EINT0 — External interrupt 0 input.
O
MAT0.2 — PWM output for Timer 0, channel 2.
P0.17/CAP1.2/
SCL1
47 [1]
5 [1]
I/O
P0.17 — General purpose Input/output digital pin (GPIO).
I
CAP1.2 — Capture input for Timer 1, channel 2.
I/O
SCL1 — I2C1 clock Input/output. Open-drain output (for
I2C-bus compliance).
P0.18/CAP1.3/
SDA1
48 [1]
6 [1]
I/O
P0.18 — General purpose Input/output digital pin (GPIO).
I
CAP1.3 — Capture input for Timer 1, channel 3.
I/O
SDA1 — I2C1 data Input/output. Open-drain output (for
I2C-bus compliance).
P0.19/MAT1.2/
MISO1
1 [1]
7 [1]
I/O
P0.19 — General purpose Input/output digital pin (GPIO).
O
MAT1.2 — PWM output for Timer 1, channel 2.
I/O
MISO1 — Master In Slave Out for SSP. Data input to SPI
master or data output from SSP slave.
P0.20/MAT1.3/
MOSI1
2 [2]
8 [2]
I/O
P0.20 — General purpose Input/output digital pin (GPIO).
O
MAT1.3 — PWM output for Timer 1, channel 3.
I/O
MOSI1 — Master Out Slave for SSP. Data output from SSP
master or data input to SSP slave.
Table 3:
Pin description …continued
Symbol
LQFP48
PLCC44
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32