Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPC2103 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce LPC2103
Description  Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2103 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button LPC2103 Datasheet HTML 7Page - NXP Semiconductors LPC2103 Datasheet HTML 8Page - NXP Semiconductors LPC2103 Datasheet HTML 9Page - NXP Semiconductors LPC2103 Datasheet HTML 10Page - NXP Semiconductors LPC2103 Datasheet HTML 11Page - NXP Semiconductors LPC2103 Datasheet HTML 12Page - NXP Semiconductors LPC2103 Datasheet HTML 13Page - NXP Semiconductors LPC2103 Datasheet HTML 14Page - NXP Semiconductors LPC2103 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LPC2101_02_03_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01 — 18 January 2006
11 of 32
Philips Semiconductors
LPC2101/2102/2103
Single-chip 16-bit/32-bit microcontrollers
6.3 On-chip static RAM
On-chip static RAM may be used for code and/or data storage. The SRAM may be
accessed as 8-bits, 16-bits, and 32-bits. The LPC2101/2102/2103 provide 2 kB, 4 kB or
8 kB of static RAM.
6.4 Memory map
The LPC2101/2102/2103 memory map incorporates several distinct regions, as shown in
Figure 4.
In addition, the CPU interrupt vectors may be re-mapped to allow them to reside in either
flash memory (the default) or on-chip static RAM. This is described in Section 6.17
“System control”.
Fig 4.
LPC2101/2102/2103 memory map
AHB PERIPHERALS
APB PERIPHERALS
RESERVED ADDRESS SPACE
RESERVED ADDRESS SPACE
BOOT BLOCK
RESERVED ADDRESS SPACE
8 kB ON-CHIP STATIC RAM (LPC2103)
2 kB ON-CHIP STATIC RAM (LPC2101)
32 kB ON-CHIP NON-VOLATILE MEMORY
(LPC2103)
0xFFFF FFFF
0xF000 0000
0xE000 0000
0xC000 0000
0x8000 0000
0x7FFF FFFF
0x4000 1000
0x4000 07FF
0x4000 2000
0x4000 1FFF
4 kB ON-CHIP STATIC RAM (LPC2102)
0x4000 0800
0x4000 0FFF
0x7FFF E000
0x7FFF DFFF
0x4000 0000
0x0000 8000
0x0000 7FFF
0x0000 4000
4.0 GB
3.75 GB
3.5 GB
3.0 GB
2.0 GB
1.0 GB
16 kB ON-CHIP NON-VOLATILE MEMORY
(LPC2102)
0x0000 3FFF
0x0000 2000
8 kB ON-CHIP NON-VOLATILE MEMORY
(LPC2101)
0x0000 1FFF
0x0000 0000
0.0 GB
002aab822



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32