Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P60D080 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce P60D080
Description  Secure high-performance dual interface smart card controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

P60D080 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button P60D080 Datasheet HTML 4Page - NXP Semiconductors P60D080 Datasheet HTML 5Page - NXP Semiconductors P60D080 Datasheet HTML 6Page - NXP Semiconductors P60D080 Datasheet HTML 7Page - NXP Semiconductors P60D080 Datasheet HTML 8Page - NXP Semiconductors P60D080 Datasheet HTML 9Page - NXP Semiconductors P60D080 Datasheet HTML 10Page - NXP Semiconductors P60D080 Datasheet HTML 11Page - NXP Semiconductors P60D080 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SMX2_FAM_P60D080_D144_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective short data sheet
PUBLIC
Rev. 1 — 1 September 2010
197210
11 of 12
NXP Semiconductors
P60D080 and P60D144
Secure high-performance dual interface smart card controller
Quick reference data — The Quick reference data is an extract of the
product data given in the Limiting values and Characteristics sections of this
document, and as such is not complete, exhaustive or legally binding.
Non-automotive qualified products — Unless this data sheet expressly
states that this specific NXP Semiconductors product is automotive qualified,
the product is not suitable for automotive use. It is neither qualified nor tested
in accordance with automotive testing or application requirements. NXP
Semiconductors accepts no liability for inclusion and/or use of
non-automotive qualified products in automotive equipment or applications.
In the event that customer uses the product for design-in and use in
automotive applications to automotive specifications and standards, customer
(a) shall use the product without NXP Semiconductors’ warranty of the
product for such automotive applications, use and specifications, and (b)
whenever customer uses the product for automotive applications beyond
NXP Semiconductors’ specifications such use shall be solely at customer’s
own risk, and (c) customer fully indemnifies NXP Semiconductors for any
liability, damages or failed product claims resulting from customer design and
use of the product for automotive applications beyond NXP Semiconductors’
standard warranty and NXP Semiconductors’ product specifications.
10.4
Licenses
10.5
Trademarks
Notice: All referenced brands, product names, service names and trademarks
are the property of their respective owners.
DESFire — is a trademark of NXP B.V.
FabKey — is a trademark of NXP B.V.
MIFARE — is a trademark of NXP B.V.
11. Contact information
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
ICs with DPA Countermeasures functionality
NXP ICs containing functionality
implementing countermeasures to
Differential Power Analysis and Simple
Power Analysis are produced and sold
under applicable license from
Cryptography Research, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12