Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P60D080 Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce P60D080
Description  Secure high-performance dual interface smart card controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

P60D080 Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button P60D080 Datasheet HTML 3Page - NXP Semiconductors P60D080 Datasheet HTML 4Page - NXP Semiconductors P60D080 Datasheet HTML 5Page - NXP Semiconductors P60D080 Datasheet HTML 6Page - NXP Semiconductors P60D080 Datasheet HTML 7Page - NXP Semiconductors P60D080 Datasheet HTML 8Page - NXP Semiconductors P60D080 Datasheet HTML 9Page - NXP Semiconductors P60D080 Datasheet HTML 10Page - NXP Semiconductors P60D080 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
7.
Functional diagram
Fig 1.
Functional diagram P60D080/P60D144
001aam548
RF
INTERFACE
LA
LB
IO1
IO3
PROGRAMMABLE
I/O 1, 2, 3
IO2
CLK
RST_N
VDD
VSS
CIU
ISO 14443
ROM
384 KB
PROGRAM MEMORY
SECURE SmartMX2 CPU
EEPROM
80 KB/144 KB
DATA AND PROGRAM
MEMORY
CRC
16 or 32-bit
FAST
RNG
TIMERS
16-bit
T0
16-bit
T1
RAM
AES
COPROCESSOR
TRIPLE-DES
COPROCESSOR
UART
ISO 7816
CLOCK
FILTER
SECURITY SENSORS
RESET GENERATION
VOLTAGE REGULATOR
MEMORY MANAGEMENT UNIT (MMU)
CLOCK
GENERATION
P60D080 P60D144
SYMMETRIC BLOCK CIPHER
INTERFACE
COPY
MACHINE
COPY
MACHINE
WATCHDOG
TIMER
FAME2
ENHANCED
PUBLIC KEY
COPROCESSOR
e.g. RSA, ECC
5632 B
DATA MEMORY
2688 B
DATA MEMORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12