| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC5644BCAMMJ1 Fiches technique(PDF) 79 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC5644BCAMMJ1 Fiches technique(HTML) 79 Page - NXP Semiconductors |
|
79 / 116 page ![]() Electrical Characteristics MPC5646C Microcontroller DataSheet, Rev. 7 NXP Semiconductors 79 Figure 20. ADC_1 characteristic and error definitions Table 43. Conversion characteristics (12-bit ADC_1) Symbol C Parameter Conditions1 Value Unit Min Typ Max VSS_ADC1 SR — Voltage on VSS_HV_ADC1 (ADC_1 reference) pin with respect to ground (VSS_HV) 2 — −0.1 0.1 V (2) (1) (3) (4) (5) Offset Error OSE Offset Error OSE Gain Error GE 1 LSB (ideal) Vin(A) (LSBideal) (1) Example of an actual transfer curve (2) The ideal transfer curve (3) Differential non-linearity error (DNL) (4) Integral non-linearity error (INL) (5) Center of a step of the actual transfer curve code out 4095 4094 4093 4092 4091 4090 5 4 3 2 1 0 7 6 1 2 3 4 5 6 7 4090 4091 4092 4093 4094 4095 1 LSB ideal = AVDD / 4096 |