| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC5644BCAMMJ1 Fiches technique(PDF) 28 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC5644BCAMMJ1 Fiches technique(HTML) 28 Page - NXP Semiconductors |
|
28 / 116 page ![]() MPC5646C Microcontroller DataSheet, Rev. 7 Package pinouts and signal descriptions NXP Semiconductors 28 PH[2] PCR[114] AF0 AF1 AF2 AF3 ALT4 GPIO[114] E1UC[4] SCK_1 — TX_EN SIUL eMIOS_1 DSPI_1 — FEC I/O I/O I/O — O M/S Tristate 119 143 D16 PH[3] PCR[115] AF0 AF1 AF2 AF3 ALT4 GPIO[115] E1UC[5] CS0_1 — TX_ER SIUL eMIOS_1 DSPI_1 — FEC I/O I/O I/O — O M/S Tristate 120 144 F14 PH[4] PCR[116] AF0 AF1 AF2 AF3 GPIO[116] E1UC[6] SOUT_7 — SIUL eMIOS_1 DSPI_7 — I/O I/O O — M/S Tristate 162 186 D7 PH[5] PCR[117] AF0 AF1 AF2 AF3 — GPIO[117] E1UC[7] — — SIN_7 SIUL eMIOS_1 — — DSPI_7 I/O I/O — — I S Tristate 163 187 B7 PH[6] PCR[118] AF0 AF1 AF2 AF3 GPIO[118] E1UC[8] SCK_7 MA[2] SIUL eMIOS_1 DSPI_7 ADC_0 I/O I/O I/O O M/S Tristate 164 188 C7 PH[7] PCR[119] AF0 AF1 AF2 AF3 ALT4 GPIO[119] E1UC[9] CS3_2 MA[1] CS0_7 SIUL eMIOS_1 DSPI_2 ADC_0 DSPI_7 I/O I/O O O I/O M/S Tristate 165 189 C6 PH[8] PCR[120] AF0 AF1 AF2 AF3 GPIO[120] E1UC[10] CS2_2 MA[0] SIUL eMIOS_1 DSPI_2 ADC_0 I/O I/O O O M/S Tristate 166 190 A6 PH[9]6 PCR[121] AF0 AF1 AF2 AF3 — GPIO[121] — — — TCK SIUL — — — JTAGC I/O — — — I S Input, weak pull-up 155 179 A11 PH[10]6 PCR[122] AF0 AF1 AF2 AF3 — GPIO[122] — — — TMS SIUL — — — JTAGC I/O — — — I M/S Input, weak pull-up 148 172 D10 Table 4. Functional port pin descriptions (continued) Port pin PCR Function Pin number |