Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC5644BCAMMJ1 Fiches technique(PDF) 17 Page - NXP Semiconductors

No de pièce MPC5644BCAMMJ1
Description  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5644BCAMMJ1 Fiches technique(HTML) 17 Page - NXP Semiconductors

Back Button MPC5644BCAMMJ1 Datasheet HTML 13Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 14Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 15Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 16Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 17Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 18Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 19Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 20Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 116 page
background image
Package pinouts and signal descriptions
MPC5646C Microcontroller DataSheet, Rev. 7
NXP Semiconductors
17
PB[14]
PCR[30]
AF0
AF1
AF2
AF3
—
GPIO[30]
E0UC[6]
—
CS3_0
ADC0_X[2]
SIUL
eMIOS_0
—
DSPI_0
ADC_0
I/O
I/O
—
O
I
S
Tristate
105
127
K15
PB[15]
PCR[31]
AF0
AF1
AF2
AF3
—
GPIO[31]
E0UC[7]
—
CS4_0
ADC0_X[3]
SIUL
eMIOS_0
—
DSPI_0
ADC_0
I/O
I/O
—
O
I
S
Tristate
107
129
K16
PC[0]6
PCR[32]
AF0
AF1
AF2
AF3
GPIO[32]
—
TDI
—
SIUL
—
JTAGC
—
I/O
—
I
—
M/S
Input,
weak
pull-up
154
178
B10
PC[1]6
PCR[33]
AF0
AF1
AF2
AF3
GPIO[33]
—
TDO
—
SIUL
—
JTAGC
—
I/O
—
O
—
F/M
Tristate
149
173
D9
PC[2]
PCR[34]
AF0
AF1
AF2
AF3
—
GPIO[34]
SCK_1
CAN4TX
—
EIRQ[5]
SIUL
DSPI_1
FlexCAN_4
—
SIUL
I/O
I/O
O
—
I
M/S
Tristate
145
169
B11
PC[3]
PCR[35]
AF0
AF1
AF2
AF3
—
—
—
GPIO[35]
CS0_1
MA[0]
—
CAN1RX
CAN4RX
EIRQ[6]
SIUL
DSPI_1
ADC_0
—
FlexCAN_1
FlexCAN_4
SIUL
I/O
I/O
O
I
I
I
S
Tristate
144
168
C11
PC[4]
PCR[36]
AF0
AF1
AF2
AF3
ALT4
—
—
—
GPIO[36]
E1UC[31]
—
FR_B_TX_EN
SIN_1
CAN3RX
EIRQ[18]
SIUL
eMIOS_1
—
Flexray
DSPI_1
FlexCAN_3
SIUL
I/O
I/O
—
O
I
I
I
M/S
Tristate
159
183
A9
PC[5]
PCR[37]
AF0
AF1
AF2
AF3
ALT4
—
GPIO[37]
SOUT_1
CAN3TX
—
FR_A_TX
EIRQ[7]
SIUL
DSPI_1
FlexCAN_3
—
Flexray
SIUL
I/O
O
O
—
O
I
M/S
Tristate
158
182
B9
Table 4. Functional port pin descriptions (continued)
Port
pin
PCR
Function
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More