| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC5643LFAMLL6R Fiches technique(PDF) 55 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SPC5643LFAMLL6R Fiches technique(HTML) 55 Page - NXP Semiconductors |
|
55 / 136 page ![]() 2.4 Pin muxing Table 7 defines the pin list and muxing for this device. Each entry of Table 7 shows all the possible configurations for each pin, via the alternate functions. The default function assigned to each pin after reset is indicated by ALT0. NOTE Pins labeled “NC” are to be left unconnected. Any connection to an external circuit or voltage may cause unpredictable device behavior or damage. Pins labeled “Reserved” are to be tied to ground. Not doing so may cause unpredictable device behavior. Table 7. Pin muxing Port name PCR Peripheral Alternate output function Output mux sel Input functions Input mux select Weak pull config during reset Pad speed1 Pin # SRC =1 SRC =0 144 pkg 257 pkg Port A A[0] PCR[0] SIUL GPIO[0] ALT0 GPIO[0] — — M S 73 T14 eTimer_0 ETC[0] ALT1 ETC[0] PSMI[35]; PADSEL=0 DSPI_2 SCK ALT2 SCK PSMI[1]; PADSEL=0 SIUL — — EIRQ[0] — A[1] PCR[1] SIUL GPIO[1] ALT0 GPIO[1] — — M S 74 R14 eTimer_0 ETC[1] ALT1 ETC[1] PSMI[36]; PADSEL=0 DSPI_2 SOUT ALT2 — — SIUL — — EIRQ[1] — |