| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC5643LFAMLL6R Fiches technique(PDF) 44 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SPC5643LFAMLL6R Fiches technique(HTML) 44 Page - NXP Semiconductors |
|
44 / 136 page ![]() MPC5643L Microcontroller Data Sheet, Rev. 10 Package pinouts and signal descriptions NXP Semiconductors 44 H3 C[4] SIUL GPIO[36] GPIO[36] DSPI_0 CS0 CS0 FlexPWM_0 X[1] X[1] SSCM DEBUG[4] — SIUL — EIRQ[22] H4 A[5] SIUL GPIO[5] GPIO[5] DSPI_1 CS0 CS0 eTimer_1 ETC[5] ETC[5] DSPI_0 CS7 — SIUL — EIRQ[5] H6 VDD_LV — H7 VSS_LV — H8 VSS_LV — H9 VSS_LV — H10 VSS_LV — H11 VSS_LV — H12 VDD_LV — H14 VSS_LV — H15 VDD_HV_REG_1 — H16 VDD_HV_FLA — H17 H[6] SIUL GPIO[118] GPIO[118] FlexPWM_1 B[0] B[0] DSPI_0 CS5 — J1 F[7] SIUL GPIO[87] GPIO[87] NPC MCKO — J2 G[15] SIUL GPIO[111] GPIO[111] NPC MDO[8] — J3 VDD_HV_REG_0 — J4 VDD_HV_REG_0 — J6 VDD_LV — J7 VSS_LV — J8 VSS_LV — J9 VSS_LV — J10 VSS_LV — J11 VSS_LV — Table 4. 257 MAPBGA pin function summary (continued) Pin # Port/function Peripheral Output function Input function |