| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC5643LFAMLL6R Fiches technique(PDF) 47 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SPC5643LFAMLL6R Fiches technique(HTML) 47 Page - NXP Semiconductors |
|
47 / 136 page ![]() Package pinouts and signal descriptions MPC5643L Microcontroller Data Sheet, Rev. 10 NXP Semiconductors 47 M4 Not connected — M6 VDD_LV — M7 VDD_LV — M8 VDD_LV — M9 VDD_LV — M10 VDD_LV — M11 VDD_LV — M12 VDD_LV — M14 C[11] SIUL GPIO[43] GPIO[43] eTimer_0 ETC[4] ETC[4] DSPI_2 CS2 — M15 B[5] SIUL GPIO[21] GPIO[21] JTAGC — TDI M16 TMS — M17 H[5] SIUL GPIO[117] GPIO[117] FlexPWM_1 A[0] A[0] DSPI_0 CS4 — N1 XTAL — N2 VSS_HV_IO_RING — N3 D[5] SIUL GPIO[53] GPIO[53] DSPI_0 CS3 — FlexPWM_0 — FAULT[2] N4 VSS_LV_PLL0_PLL1 — N14 Not connected — N15 C[12] SIUL GPIO[44] GPIO[44] eTimer_0 ETC[5] ETC[5] DSPI_2 CS3 — N16 A[2] SIUL GPIO[2] GPIO[2] eTimer_0 ETC[2] ETC[2] FlexPWM_0 A[3] A[3] DSPI_2 — SIN MC_RGM — ABS[0] SIUL — EIRQ[2] Table 4. 257 MAPBGA pin function summary (continued) Pin # Port/function Peripheral Output function Input function |