| Moteur de recherche de fiches techniques de composants électroniques |
|
USB7016/KDX Fiches technique(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB7016/KDX Fiches technique(HTML) 16 Page - Microchip Technology |
|
16 / 60 page ![]() USB7016 DS00003740B-page 16 2022 Microchip Technology Inc. and its subsidiaries Configuration Straps Port 6-1 D+ Disable Configuration Strap PRT_DIS_P[6:1] I Port 6-1 D+ Disable Configuration Strap. These configuration straps are used in con- junction with the corresponding PRT_DIS_M[6:1] straps to disable the related port (6-1). See Note 3-9. Both USB data pins for the corresponding port must be tied to 3.3V to disable the associated downstream port. N/A Port 6-1 D- Disable Configuration Strap PRT_DIS_M[6:1] I Port 6-1 D- Disable Configuration Strap. These configuration straps are used in con- junction with the corresponding PRT_DIS_P[6:1] straps to disable the related port (6-1). See Note 3-9. Both USB data pins for the corresponding port must be tied to 3.3V to disable the associated downstream port. Mandatory Note 3-8 Non-Removable Ports Configuration Strap CFG_NON_REM I Non-Removable Ports Configuration Strap. This configuration strap controls the number of reported non-removable ports. See Note 3-9. Note 3-7 Mandatory if external SPI memory is not used for firm ware e xecution. I f external SPI memory is used fo r firmware execution, t hen configuration strap resistor should be omitted. Note 3-7 Battery Charging Configuration Strap CFG_BC_EN I/O12 Battery Charging Configuration Strap. This configuration strap controls the number of BC 1.2 enabled downstream ports. See Note 3-9. Note 3-8 Mandatory if external SPI memory is not used for firm ware e xecution. I f external SPI memory is used fo r firmware execution, t hen configuration strap resistor should be omitted. Mandatory Note 3-8 TABLE 3-1: PIN DESCRIPTIONS (CONTINUED) Name Symbol Buffer Type Description If Unused |