| Moteur de recherche de fiches techniques de composants électroniques |
|
USB7016/KDX Fiches technique(PDF) 48 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB7016/KDX Fiches technique(HTML) 48 Page - Microchip Technology |
|
48 / 60 page ![]() USB7016 DS00003740B-page 48 2022 Microchip Technology Inc. and its subsidiaries 9.6.10 SPI/SQI MASTER TIMING This section specifies the SPI/SQI master timing requirements for the device. FIGURE 9-7: SPI/SQI MASTER TIMING TABLE 9-9: SPI/SQI MASTER TIMING (30 MHZ OPERATION) Symbol Description Min Typ Max Units tfc Clock frequency 30 MHz tceh Chip enable (SPI_CE_N) high time 100 ns tclq Clock to input data 13 ns tdh Input data hold time 0 ns tos Output setup time 5 ns toh Output hold time 5 ns tov Clock to output valid 4 ns tcel Chip enable (SPI_CE_N) low to first clock 12 ns tceh Last clock to chip enable (SPI_CE_N) high 12 ns TABLE 9-10: SPI/SQI MASTER TIMING (60 MHZ OPERATION) Symbol Description Min Typ Max Units tfc Clock frequency 60 MHz tceh Chip enable (SPI_CE_N) high time 50 ns tclq Clock to input data 9 ns tdh Input data hold time 0 ns tos Output setup time 5 ns toh Output hold time 5 ns tov Clock to output valid 4 ns tcel Chip enable (SPI_CE_N) low to first clock 12 ns tceh Last clock to chip enable (SPI_CE_N) high 12 ns SPI_CLK SPI_D[3:0] (in) SPI_D[3:0] (out) SPI_CE_N tcel tfc Output data valid tclq tceh tdh toh tos tov toh Output data valid Input data valid tceh |