Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB7016/KDX Fiches technique(PDF) 51 Page - Microchip Technology

No de pièce USB7016/KDX
Description  6-Port USB 3.2 Gen 1 SmartHubTM Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7016/KDX Fiches technique(HTML) 51 Page - Microchip Technology

Back Button USB7016/KDX Datasheet HTML 47Page - Microchip Technology USB7016/KDX Datasheet HTML 48Page - Microchip Technology USB7016/KDX Datasheet HTML 49Page - Microchip Technology USB7016/KDX Datasheet HTML 50Page - Microchip Technology USB7016/KDX Datasheet HTML 51Page - Microchip Technology USB7016/KDX Datasheet HTML 52Page - Microchip Technology USB7016/KDX Datasheet HTML 53Page - Microchip Technology USB7016/KDX Datasheet HTML 54Page - Microchip Technology USB7016/KDX Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS00003740B-page 51
USB7016
10.0 PACKAGE OUTLINE
10.1
Package Marking Information
* Standard device marking consists of Microchip part number, year code, week code and traceability code.
For device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office.
For QTP devices, any special marking adders are included in QTP price.
Legend:
i
Temperature range designator (Blank = commercial,
i
= industrial/automotive)
R
Product revision
nnn
Internal code
e3
Pb-free JEDEC® designator for Matte Tin (Sn)
YY
Year code (last two digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it
will be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
100-VQFN (12x12 mm)
PIN 1
 
USB7016i
Rnnn e3
YYWWNNN
e3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60