Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PI3DPX1202A2ZBEX Fiches technique(PDF) 22 Page - Diodes Incorporated

No de pièce PI3DPX1202A2ZBEX
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1202A2ZBEX Fiches technique(HTML) 22 Page - Diodes Incorporated

Back Button PI3DPX1202A2ZBEX Datasheet HTML 18Page - Diodes Incorporated PI3DPX1202A2ZBEX Datasheet HTML 19Page - Diodes Incorporated PI3DPX1202A2ZBEX Datasheet HTML 20Page - Diodes Incorporated PI3DPX1202A2ZBEX Datasheet HTML 21Page - Diodes Incorporated PI3DPX1202A2ZBEX Datasheet HTML 22Page - Diodes Incorporated PI3DPX1202A2ZBEX Datasheet HTML 23Page - Diodes Incorporated PI3DPX1202A2ZBEX Datasheet HTML 24Page - Diodes Incorporated PI3DPX1202A2ZBEX Datasheet HTML 25Page - Diodes Incorporated PI3DPX1202A2ZBEX Datasheet HTML 26Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
A product Line of
Diodes Incorporated
22 of 51
www.diodes.com
February 2020
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev 3-3
PI3DPX1202A
AUX Read and Sink issue ACK reply:
Ready to reply to Read request with data following. DisplayPort receiver may assert a STOP condition before transmit-
ting the total number of requested data bytes when not all the bytes are available.
From Source
Sync Start bit
4-bit cmd 1001 20-bit address
8-bit length
Stop
From sink ACK
Sync
Start bit 00000000 Data
Stop
AUX Read and Sink issue NACK reply:
A Sink Device receiving a Native AUX CH read request for an unsupported DPCD address must reply with an AUX ACK
and read data set equal to zero instead of replying with AUX NACK.
From Source
Sync
Start bit
4-bit cmd 1001
20-bit address 8-bit length
Stop
From Sink NACK
Sync
Start bit
00001000
data = 0
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51