Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PI3DPX1202A2ZBEX Fiches technique(PDF) 47 Page - Diodes Incorporated

No de pièce PI3DPX1202A2ZBEX
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1202A2ZBEX Fiches technique(HTML) 47 Page - Diodes Incorporated

Back Button PI3DPX1202A2ZBEX Datasheet HTML 43Page - Diodes Incorporated PI3DPX1202A2ZBEX Datasheet HTML 44Page - Diodes Incorporated PI3DPX1202A2ZBEX Datasheet HTML 45Page - Diodes Incorporated PI3DPX1202A2ZBEX Datasheet HTML 46Page - Diodes Incorporated PI3DPX1202A2ZBEX Datasheet HTML 47Page - Diodes Incorporated PI3DPX1202A2ZBEX Datasheet HTML 48Page - Diodes Incorporated PI3DPX1202A2ZBEX Datasheet HTML 49Page - Diodes Incorporated PI3DPX1202A2ZBEX Datasheet HTML 50Page - Diodes Incorporated PI3DPX1202A2ZBEX Datasheet HTML 51Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
A product Line of
Diodes Incorporated
47 of 51
www.diodes.com
February 2020
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev 3-3
PI3DPX1202A
7.2
Part Marking Information
Our standard product mark follows our standard part number ordering information, except for those products with a speed letter
code. The speed letter code mark is placed after the package code letter, rather than after the device number as it is ordered. After
electrical test screening and speed binning has been completed, we then perform an “add mark” operation which places the speed
code letter at the end of the complete part number.
Figure 7-3: General Part marketing information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51