Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPM10 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Fiches technique(HTML) 4 Page - STMicroelectronics

  STPM10_V01 Datasheet HTML 1Page - STMicroelectronics STPM10_V01 Datasheet HTML 2Page - STMicroelectronics STPM10_V01 Datasheet HTML 3Page - STMicroelectronics STPM10_V01 Datasheet HTML 4Page - STMicroelectronics STPM10_V01 Datasheet HTML 5Page - STMicroelectronics STPM10_V01 Datasheet HTML 6Page - STMicroelectronics STPM10_V01 Datasheet HTML 7Page - STMicroelectronics STPM10_V01 Datasheet HTML 8Page - STMicroelectronics STPM10_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
List of tables
STPM10
4/47
DocID17728 Rev 5
List of tables
Table 1: Device summary ...........................................................................................................................1
Table 2: Pin description ..............................................................................................................................7
Table 3: Absolute maximum ratings ...........................................................................................................9
Table 4: Thermal data.................................................................................................................................9
Table 5: Absolute maximum ratings .........................................................................................................10
Table 6: Gain of voltage and current channels .........................................................................................17
Table 7: Configuration of current sensors.................................................................................................18
Table 8: No-load detection thresholds ......................................................................................................22
Table 9: LED pin configuration .................................................................................................................26
Table 10: Status bit description ................................................................................................................26
Table 11: Configuration bit map................................................................................................................28
Table 12: Mode signal description ............................................................................................................31
Table 13: Working point settings ..............................................................................................................40
Table 14: Device constants ......................................................................................................................40
Table 15: Resistor divider ratio .................................................................................................................42
Table 16: Current channel typical components ........................................................................................42
Table 17: TSSOP20 package mechanical data........................................................................................45
Table 18: Document revision history ........................................................................................................46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47