Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPM10 Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button STPM10_V01 Datasheet HTML 33Page - STMicroelectronics STPM10_V01 Datasheet HTML 34Page - STMicroelectronics STPM10_V01 Datasheet HTML 35Page - STMicroelectronics STPM10_V01 Datasheet HTML 36Page - STMicroelectronics STPM10_V01 Datasheet HTML 37Page - STMicroelectronics STPM10_V01 Datasheet HTML 38Page - STMicroelectronics STPM10_V01 Datasheet HTML 39Page - STMicroelectronics STPM10_V01 Datasheet HTML 40Page - STMicroelectronics STPM10_V01 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
STPM10
Theory of operation
DocID17728 Rev 5
37/47
the resulting signal, together with the pre-processed and digitalized current signal
Equation 8:
i(t) = I
⋅ sin(ωt + ϕ)
See Figure 26: "Active energy computation diagram" (6)
are then available for the calculation process. These digital signals are also provided to two
additional stages, which then integrate of themselves, obtaining:
Equation 9:
dv/dt → v(t) = V
⋅ sin ωt
see below figure (7)]
Equation 10:
i(t) → I(t) ∫ i(t)
⋅ dt = = –I/ω ⋅ cos(wt + ϕ)
See figure below (8)
Figure 26: Active energy computation diagram
At this point four signals are available. By combining (pairing) them by means of two
multiplying stages, two results are obtained



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47