Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPM10 Fiches technique(PDF) 46 Page - STMicroelectronics

No de pièce STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Fiches technique(HTML) 46 Page - STMicroelectronics

Back Button STPM10_V01 Datasheet HTML 39Page - STMicroelectronics STPM10_V01 Datasheet HTML 40Page - STMicroelectronics STPM10_V01 Datasheet HTML 41Page - STMicroelectronics STPM10_V01 Datasheet HTML 42Page - STMicroelectronics STPM10_V01 Datasheet HTML 43Page - STMicroelectronics STPM10_V01 Datasheet HTML 44Page - STMicroelectronics STPM10_V01 Datasheet HTML 45Page - STMicroelectronics STPM10_V01 Datasheet HTML 46Page - STMicroelectronics STPM10_V01 Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 47 page
background image
Revision history
STPM10
46/47
DocID17728 Rev 5
10
Revision history
Table 18: Document revision history
Date
Revision
Changes
31-Aug-2010
1
Initial release.
25-Nov-2010
2
Modified: Table 5 on page 9, 7.9: Tamper detection
module on page 22.
Added: 7.11.1: RC startup procedure on page 25 and
8: Application design on page 46.
09-Jun-2011
3
Updated Table 5.
29-Jan-2013
4
Updated Table 9.
08-Feb-2017
5
Updated IL parameter in Table 5: "Absolute maximum
ratings".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47