Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L071XZ Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce STM32L071XZ
Description  Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L071XZ Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button STM32L071XZ Datasheet HTML 33Page - STMicroelectronics STM32L071XZ Datasheet HTML 34Page - STMicroelectronics STM32L071XZ Datasheet HTML 35Page - STMicroelectronics STM32L071XZ Datasheet HTML 36Page - STMicroelectronics STM32L071XZ Datasheet HTML 37Page - STMicroelectronics STM32L071XZ Datasheet HTML 38Page - STMicroelectronics STM32L071XZ Datasheet HTML 39Page - STMicroelectronics STM32L071XZ Datasheet HTML 40Page - STMicroelectronics STM32L071XZ Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 148 page
background image
DS10690 Rev 7
37/148
STM32L071xx
Pin descriptions
54
Figure 7. STM32L071xx WLCSP49 ballout
1. The above figure shows the package top view.
2. PA11 and PA12 input/outputs (greyed out pins) are supplied by VDDIO2.
PA10
VDD
IO2
MSv36157V3
A
B
C
D
E
F
12
3
4
5
6
PA12
PA8
PB15
PB14
PA15
PA14
PA13
PA11
PA9
PB13
PB3
PB5
BOOT0
VDD
PB4
PB6
PB8
PC13
PB7
PC1
PC0
PC15-
OSC32
_OUT
PB1
VSS
NRST
PH1-
OSC_
OUT
PB2
PA1
PA0
PC2
PB11
PA7
PA4
VDDA
7
PB9
VDD
PC14-
OSC32
_IN
PH0-
OSC_IN
VREF+
PA2
G
PB12
VDD
PB10
PB0
PA6
PA3
PA5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More