| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L071XZ Fiches technique(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L071XZ Fiches technique(HTML) 44 Page - STMicroelectronics |
|
44 / 148 page ![]() Pin descriptions STM32L071xx 44/148 DS10690 Rev 7 - - - - - - - 44 M10 PE13 I/O FT - SPI1_SCK - - - - - - - - 45 M11 PE14 I/O FT - SPI1_MISO - - - - - - - - 46 M12 PE15 I/O FT - SPI1_MOSI - - - 21 21 29 G7 G3 47 L10 PB10 I/O FT - TIM2_CH3, LPUART1_TX, SPI2_SCK, I2C2_SCL, LPUART1_RX - - - 22 22 30 H7 F3 48 L11 PB11 I/O FT - EVENTOUT, TIM2_CH4, LPUART1_RX, I2C2_SDA, LPUART1_TX - 16 16 23 23 31 D6 D4 49 F12 VSS S - - - - 17 17 24 24 32 E5 G2 50 G12 VDD S - - - - - - 25 25 33 H8 G1 51 L12 PB12 I/O FT - SPI2_NSS/I2S2_ WS, LPUART1_RTS/ LPUART1_DE, I2C2_SMBA, EVENTOUT - - - 26 26 34 G8 F2 52 K12 PB13 I/O FTf - SPI2_SCK/I2S2_ CK, MCO, LPUART1_CTS, I2C2_SCL, TIM21_CH1 - - - 27 27 35 F8 F1 53 K11 PB14 I/O FTf - SPI2_MISO/I2S2_ MCK, RTC_OUT, LPUART1_RTS/ LPUART1_DE, I2C2_SDA, TIM21_CH2 - - - 28 28 36 F7 E1 54 K10 PB15 I/O FT - SPI2_MOSI/I2S2_ SD, RTC_REFIN - - - - - - - - 55 K9 PD8 I/O FT - LPUART1_TX - Table 15. STM32L071xxx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |