Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L071XZ Fiches technique(PDF) 48 Page - STMicroelectronics

No de pièce STM32L071XZ
Description  Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L071XZ Fiches technique(HTML) 48 Page - STMicroelectronics

Back Button STM32L071XZ Datasheet HTML 44Page - STMicroelectronics STM32L071XZ Datasheet HTML 45Page - STMicroelectronics STM32L071XZ Datasheet HTML 46Page - STMicroelectronics STM32L071XZ Datasheet HTML 47Page - STMicroelectronics STM32L071XZ Datasheet HTML 48Page - STMicroelectronics STM32L071XZ Datasheet HTML 49Page - STMicroelectronics STM32L071XZ Datasheet HTML 50Page - STMicroelectronics STM32L071XZ Datasheet HTML 51Page - STMicroelectronics STM32L071XZ Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 148 page
background image
Pin descriptions
STM32L071xx
48/148
DS10690 Rev 7
29 28 42 42 58 D3 B4 92
B5
PB6
I/O FTf
-
USART1_TX,
I2C1_SCL,
LPTIM1_ETR,
COMP2_INP
30 29 43 43 59 C3 C3 93
B4
PB7
I/O FTf
-
USART1_RX,
I2C1_SDA,
LPTIM1_IN2,
USART4_CTS
COMP2_INP,
VREF_PVD_IN
31 30 44 44 60 B4 A5 94
A4
BOOT0
I
-
-
-
-
-
-
45 45 61 B3 B5 95
A3
PB8
I/O FTf
-
I2C1_SCL
-
-
-
46 46 62 A3 A6 96
B3
PB9
I/O FTf
-
EVENTOUT,
I2C1_SDA,
SPI2_NSS/I2S2_W
S
-
-
-
-
-
-
-
-
97
C3
PE0
I/O FT
-
EVENTOUT
-
-
-
-
-
-
-
-
98
A2
PE1
I/O FT
-
EVENTOUT
-
32 31 47 47 63 D4
-
99
D3
VSS
S
-
-
-
-
-
324848 64 E4 A7 100
C4
VDD
S
-
-
-
-
1. UFQFPN32 pinout differs from other STM32 devices except STM32L07xxx and STM32L8xxx.
Table 15. STM32L071xxx pin definition (continued)
Pin number
Pin name
(function
after reset)
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More