Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32WL55JC Fiches technique(PDF) 53 Page - STMicroelectronics

No de pièce STM32WL55JC
Description  Multiprotocol LPWAN dual core 32-bit Arm® Cortex®-M4/M0 LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL55JC Fiches technique(HTML) 53 Page - STMicroelectronics

Back Button STM32WL55JC Datasheet HTML 49Page - STMicroelectronics STM32WL55JC Datasheet HTML 50Page - STMicroelectronics STM32WL55JC Datasheet HTML 51Page - STMicroelectronics STM32WL55JC Datasheet HTML 52Page - STMicroelectronics STM32WL55JC Datasheet HTML 53Page - STMicroelectronics STM32WL55JC Datasheet HTML 54Page - STMicroelectronics STM32WL55JC Datasheet HTML 55Page - STMicroelectronics STM32WL55JC Datasheet HTML 56Page - STMicroelectronics STM32WL55JC Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 147 page
background image
DS13293 Rev 2
53/147
STM32WL55/54xx
Pinouts, pin description and alternate functions
62
Notes
Unless otherwise specified by a note, all I/Os are set as analog inputs during and after
reset.
Pin
functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
Table 18. Legend/abbreviations used in the pinout table (continued)
Name
Abbreviation
Definition
Table 19. STM32WL55/54xx pin definition
Pin number
Pin name
(function after
reset)
Alternate functions
Additional functions
-
E10
-
VSS
S
-
-
-
-
1D11
C1
PB3
I/O
FT_a
-
JTDO/TRACESWO,
TIM2_CH2, SPI1_SCK,
RF_IRQ0, USART1_RTS,
DEBUG_RF_DTB1,
CM4_EVENTOUT
COMP1_INM,
COMP2_INM,
ADC_IN2,
TAMP_IN3/WKUP3
2D9
C2
PB4
I/O
FT_fa
-
NJTRST, I2C3_SDA,
SPI1_MISO, USART1_CTS,
DEBUG_RF_LDORDY,
TIM17_BKIN,
CM4_EVENTOUT
COMP1_INP,
COMP2_INP,
ADC_IN3
3-
D2
PB5
I/O
FT_a
-
LPTIM1_IN1, I2C1_SMBA,
SPI1_MOSI, RF_IRQ1,
USART1_CK, COMP2_OUT,
TIM16_BKIN,
CM4_EVENTOUT
-
-
F7
E3
VSS
S
-
-
-
-
-
F11
E2
VDD
S
-
-
-
-
4
-
E1
PB6
I/O
FT_f
-
LPTIM1_ETR, I2C1_SCL,
USART1_TX, TIM16_CH1N,
CM4_EVENTOUT
-
5-
C3
PB7
I/O
FT_f
-
LPTIM1_IN2, TIM1_BKIN,
I2C1_SDA, USART1_RX,
TIM17_CH1N,
CM4_EVENTOUT
-
6-
D3
PB8
I/O
FT_f
-
TIM1_CH2N, I2C1_SCL,
RF_IRQ2, TIM16_CH1,
CM4_EVENTOUT
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More