Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F730V8 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce STM32F730V8
Description  Arm® Cortex®-M7 32b MCUFPU, 462DMIPS, 64KB Flash /256164KB RAM, USB OTG HS/FS, 18 TIMs, 3 ADCs, 21 com IF
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F730V8 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button STM32F730V8 Datasheet HTML 19Page - STMicroelectronics STM32F730V8 Datasheet HTML 20Page - STMicroelectronics STM32F730V8 Datasheet HTML 21Page - STMicroelectronics STM32F730V8 Datasheet HTML 22Page - STMicroelectronics STM32F730V8 Datasheet HTML 23Page - STMicroelectronics STM32F730V8 Datasheet HTML 24Page - STMicroelectronics STM32F730V8 Datasheet HTML 25Page - STMicroelectronics STM32F730V8 Datasheet HTML 26Page - STMicroelectronics STM32F730V8 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 202 page
background image
DS12536 Rev 2
23/202
STM32F730x8
Functional overview
49
3.6
AXI-AHB bus matrix
The STM32F730x8 system architecture is based on 2 sub-systems:
•
An AXI to multi AHB bridge converting AXI4 protocol to AHB-Lite protocol:
–
3x AXI to 32-bit AHB bridges connected to AHB bus matrix
–
1x AXI to 64-bit AHB bridge connected to the embedded Flash memory
•
A multi-AHB Bus-Matrix
–
The 32-bit multi-AHB bus matrix interconnects all the masters (CPU, DMAs, USB
HS) and the slaves (Flash memory, RAM, FMC, Quad-SPI, AHB and APB
peripherals) and ensures a seamless and efficient operation even when several
high-speed peripherals work simultaneously.
Figure 5. STM32F730x8 AXI-AHB bus matrix architecture(1)
1. The above figure has large wires for 64-bits bus and thin wires for 32-bits bus.
MSv50789V1
Arm Cortex-M7
32-bit Bus Matrix - S
FLASH
64KB
SRAM1
176KB
SRAM2
16KB
AHB
periph2
FMC external
MemCtl
Quad-SPI
AXI to
multi-AHB
AHB
Periph1
DTCM RAM
ITCM RAM
16KB
64KB
64-bit AHB
64-bit BuS Matrix
ITCM
APB1
APB2
I/D Cache
8KB
GP
DMA1
GP
DMA2
USB OTG
HS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More