Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F730V8 Fiches technique(PDF) 79 Page - STMicroelectronics

No de pièce STM32F730V8
Description  Arm® Cortex®-M7 32b MCUFPU, 462DMIPS, 64KB Flash /256164KB RAM, USB OTG HS/FS, 18 TIMs, 3 ADCs, 21 com IF
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F730V8 Fiches technique(HTML) 79 Page - STMicroelectronics

Back Button STM32F730V8 Datasheet HTML 75Page - STMicroelectronics STM32F730V8 Datasheet HTML 76Page - STMicroelectronics STM32F730V8 Datasheet HTML 77Page - STMicroelectronics STM32F730V8 Datasheet HTML 78Page - STMicroelectronics STM32F730V8 Datasheet HTML 79Page - STMicroelectronics STM32F730V8 Datasheet HTML 80Page - STMicroelectronics STM32F730V8 Datasheet HTML 81Page - STMicroelectronics STM32F730V8 Datasheet HTML 82Page - STMicroelectronics STM32F730V8 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 202 page
background image
Port F
PF0
-
-
-
-
I2C2_SDA
-
-
-
-
-
-
-
FMC_A0
EVEN
TOUT
PF1
-
-
-
-
I2C2_SCL
-
-
-
-
-
-
-
FMC_A1
EVEN
TOUT
PF2
-
-
-
-
I2C2_SMB
A
--
-
-
-
-
-
FMC_A2
EVEN
TOUT
PF3
-
--
-
-
--
-
-
-
-
-
FMC_A3
EVEN
TOUT
PF4
-
--
-
-
--
-
-
-
-
-
FMC_A4
EVEN
TOUT
PF5
-
--
-
-
--
-
-
-
-
-
FMC_A5
EVEN
TOUT
PF6
-
-
-
TIM10_CH
1
-
SPI5_NSS
SAI1_SD_
B
-UART7_Rx
QUADSPI_
BK1_IO3
--
-
EVEN
TOUT
PF7
-
-
-
TIM11_CH1
-
SPI5_SCK
SAI1_MCL
K_B
-
UART7_Tx
QUADSPI_
BK1_IO2
--
-
EVEN
TOUT
PF8
-
-
-
-
-
SPI5_MIS
O
SAI1_SCK
_B
-
UART7_RTS
TIM13_CH1
QUADSPI_
BK1_IO0
--
EVEN
TOUT
PF9
-
-
-
-
-
SPI5_MO
SI
SAI1_FS_
B
-
UART7_CTS TIM14_CH1
QUADSPI_
BK1_IO1
--
EVEN
TOUT
PF10
-
-
--
--
-
-
-
-
-
-
-
EVEN
TOUT
PF11
-
-
-
-
-
SPI5_MO
SI
--
-
-
SAI2_SD_B
-
FMC_SDN
RAS
EVEN
TOUT
PF12
-
-
--
--
-
-
-
-
-
-
FMC_A6
EVEN
TOUT
Port F
PF13
-
-
--
--
-
-
-
-
-
-
FMC_A7
EVEN
TOUT
PF14
-
-
--
--
-
-
-
-
-
-
FMC_A8
EVEN
TOUT
PF15
-
-
--
--
-
-
-
-
-
-
FMC_A9
EVEN
TOUT
Table 12. STM32F730x8 alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/10/1
1/LPTIM1
I2C1/2/3/U
SART1
SPI1/I2S1/
SPI2/I2S2/
SPI3/I2S3/
SPI4/5
SPI2/I2S2/
SPI3/I2S3/
SPI3/I2S3/
SAI1/
UART4
SPI2/I2S2/S
PI3/I2S3/US
ART1/2/3/UA
RT5
SAI2/USART
6/UART4/5/7/
8/OTG1_FS
CAN1/TIM1
2/13/14/QU
ADSPI/
FMC/
OTG2_HS
SAI2/QUAD
SPI/SDMM
C2/OTG2_
HS/OTG1_
FS
SDMMC2
UART7/F
MC/SDM
MC1/
OTG2_FS
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More