Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F730V8 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce STM32F730V8
Description  Arm® Cortex®-M7 32b MCUFPU, 462DMIPS, 64KB Flash /256164KB RAM, USB OTG HS/FS, 18 TIMs, 3 ADCs, 21 com IF
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F730V8 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button STM32F730V8 Datasheet HTML 8Page - STMicroelectronics STM32F730V8 Datasheet HTML 9Page - STMicroelectronics STM32F730V8 Datasheet HTML 10Page - STMicroelectronics STM32F730V8 Datasheet HTML 11Page - STMicroelectronics STM32F730V8 Datasheet HTML 12Page - STMicroelectronics STM32F730V8 Datasheet HTML 13Page - STMicroelectronics STM32F730V8 Datasheet HTML 14Page - STMicroelectronics STM32F730V8 Datasheet HTML 15Page - STMicroelectronics STM32F730V8 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 202 page
background image
Introduction
STM32F730x8
12/202
DS12536 Rev 2
1
Introduction
This datasheet provides the ordering information and mechanical device characteristics of
the STM32F730x8 microcontrollers.
This document should be ready in conjunction with the STM32F72xxx and STM32F73xxx
advanced Arm®-based 32-bit MCUs reference manual (RM0431). The reference manual is
available from the STMicroelectronics website www.st.com.
For information on the Arm®(a) Cortex®-M7 core, refer to the Cortex®-M7 technical
reference manual available from the http://www.arm.com website.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More