Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F730V8 Fiches technique(PDF) 112 Page - STMicroelectronics

No de pièce STM32F730V8
Description  Arm® Cortex®-M7 32b MCUFPU, 462DMIPS, 64KB Flash /256164KB RAM, USB OTG HS/FS, 18 TIMs, 3 ADCs, 21 com IF
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F730V8 Fiches technique(HTML) 112 Page - STMicroelectronics

Back Button STM32F730V8 Datasheet HTML 108Page - STMicroelectronics STM32F730V8 Datasheet HTML 109Page - STMicroelectronics STM32F730V8 Datasheet HTML 110Page - STMicroelectronics STM32F730V8 Datasheet HTML 111Page - STMicroelectronics STM32F730V8 Datasheet HTML 112Page - STMicroelectronics STM32F730V8 Datasheet HTML 113Page - STMicroelectronics STM32F730V8 Datasheet HTML 114Page - STMicroelectronics STM32F730V8 Datasheet HTML 115Page - STMicroelectronics STM32F730V8 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 202 page
background image
Electrical characteristics
STM32F730x8
112/202
DS12536 Rev 2
APB1
(up to
54 MHz)
TIM2
19.3
18.2
15.6
µA/MHz
TIM3
15
14
12.2
TIM4
15.7
15.1
12.8
TIM5
18
16.9
14.4
TIM6
3.7
3.1
2.8
TIM7
3.5
2.9
2.5
TIM12
8.1
7.8
6.4
TIM13
6.1
5.1
4.7
TIM14
6.3
5.6
4.7
LPTIM1
9.4
9.8
8.3
WWDG
2.4
1.3
1.4
SPI2/I2S2(3)
6.7
6
5.3
SPI3/I2S3(3)
4.8
3.8
3.3
USART2
13.3
12
10.6
USART3
12.8
12
10.3
UART4
11.7
10.7
9.2
UART5
11.7
10.2
8.9
I2C1
10.6
9.6
8.3
I2C2
10.6
9.6
8.3
I2C3
10.7
9.8
8.3
CAN1
8.9
8
6.9
PWR
11.3
11.3
8.9
DAC(4)
6.1
5.1
4.4
UART7
13.3
12
10.3
UART8
12.6
11.6
9.7
Table 35. Peripheral current consumption (continued)
Peripheral
IDD(Typ)(1)
Unit
Scale 1
Scale 2
Scale 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More