Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS89010 Fiches technique(PDF) 4 Page - ams AG

No de pièce AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS89010 Fiches technique(HTML) 4 Page - ams AG

  AS89010 Datasheet HTML 1Page - ams AG AS89010 Datasheet HTML 2Page - ams AG AS89010 Datasheet HTML 3Page - ams AG AS89010 Datasheet HTML 4Page - ams AG AS89010 Datasheet HTML 5Page - ams AG AS89010 Datasheet HTML 6Page - ams AG AS89010 Datasheet HTML 7Page - ams AG AS89010 Datasheet HTML 8Page - ams AG AS89010 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 3 of 41
AS89010
V3.11
7
PACKAGE...........................................................................................................................27
7.1
Shape and Dimensions ............................................................................................ 27
7.2
Pin Configuration .................................................................................................... 27
7.3
Packing Information ................................................................................................ 28
7.4
Soldering Information.............................................................................................. 28
8
APPLICATION NOTES ........................................................................................................30
9
NOTES FOR PCB LAYOUT ...................................................................................................38
ORDERING INFORMATION .......................................................................................................39
LEGAL NOTES AND WARNINGS ................................................................................................40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42