Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS89010 Fiches technique(PDF) 31 Page - ams AG

No de pièce AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS89010 Fiches technique(HTML) 31 Page - ams AG

Back Button AS89010 Datasheet HTML 27Page - ams AG AS89010 Datasheet HTML 28Page - ams AG AS89010 Datasheet HTML 29Page - ams AG AS89010 Datasheet HTML 30Page - ams AG AS89010 Datasheet HTML 31Page - ams AG AS89010 Datasheet HTML 32Page - ams AG AS89010 Datasheet HTML 33Page - ams AG AS89010 Datasheet HTML 34Page - ams AG AS89010 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 30 of 41
AS89010
V3.11
8 APPLICATION NOTES
Figure 19 shows typical connection of external devices to the AS89010. If digital and analog grounds are
separately routed onto the printed circuit build, they should be together, connected near the device.
Figure 19: Typical connection circuitry; (a) common cathode photodiode array (CREGL:DIR=’1b’), (b) common anode
photodiode array (CREGL:DIR=’0b’)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42