| Moteur de recherche de fiches techniques de composants électroniques |
|
AS89010 Fiches technique(PDF) 34 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS89010 Fiches technique(HTML) 34 Page - ams AG |
|
34 / 42 page ![]() ams.com db12348e_V3.11_preliminary_2017-07-06 Page 33 of 41 AS89010 V3.11 Figure 22: Principle program steps of a µC based software to control the converter in SYNS and SYND Mode29 29 S_Syn is a Software variable of a µC based software to control the converter in SYNS and SYND Mode which is generated from the external SYN signal |