Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESRF-ESF Fiches technique(PDF) 2 Page - ES Systems

No de pièce ESRF-ESF
Description  Resistive MEMS Gas Flow Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ES [ES Systems]
Site Internet  https://esenssys.com/
Logo ES - ES Systems

ESRF-ESF Fiches technique(HTML) 2 Page - ES Systems

  ESRF-ESF Datasheet HTML 1Page - ES Systems ESRF-ESF Datasheet HTML 2Page - ES Systems ESRF-ESF Datasheet HTML 3Page - ES Systems ESRF-ESF Datasheet HTML 4Page - ES Systems ESRF-ESF Datasheet HTML 5Page - ES Systems ESRF-ESF Datasheet HTML 6Page - ES Systems ESRF-ESF Datasheet HTML 7Page - ES Systems ESRF-ESF Datasheet HTML 8Page - ES Systems ESRF-ESF Datasheet HTML 9Page - ES Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Datasheet ESRF-ESF
2/14
Total Error Band (TEB) is a single specification that includes all possible sources of error in a gas flow measurement.
TEB should not be confused with accuracy, which is actually a component of TEB. TEB is the worst error that the sensor
could experience. The TEB specification on a datasheet may be confusing. ES Systems uses the TEB specification in its
datasheet because it is the most comprehensive measurement of a sensor’s true accuracy. ES Systems also provides
the accuracy specification in order to provide a common comparison with competitors’ literature that does not use the
TEB specification.
Offset
Full Scale Span
Flow Non-Linearity
Flow Hysteresis
Noise
Flow Non-Repeatability
Thermal Effect on Offset
Thermal Effect on Span
Thermal Hysteresis
Accuracy
TEB
All Possible Errors
Accuracy Performance
Range: 15, 20, 50, 100, 200, 300 ln/min
- 0% FS to 10%FS = ±0.125%FS
- 10%FS to 100%FS = ±1.0% RD
Total Error Band Performance
Range: 15, 20, 50, 100, 200, 300 ln/min
- 0% FS to 10%FS = ±0.125%FS
- 10%FS to 100%FS = ±1.25% RD
The figure below, illustrates the accuracy as well as the total error of the flow measurement of ESRF-ESF sensors.
1. Total Error Band



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com