Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESRF-ESF Fiches technique(PDF) 12 Page - ES Systems

No de pièce ESRF-ESF
Description  Resistive MEMS Gas Flow Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ES [ES Systems]
Site Internet  https://esenssys.com/
Logo ES - ES Systems

ESRF-ESF Fiches technique(HTML) 12 Page - ES Systems

Back Button ESRF-ESF Datasheet HTML 6Page - ES Systems ESRF-ESF Datasheet HTML 7Page - ES Systems ESRF-ESF Datasheet HTML 8Page - ES Systems ESRF-ESF Datasheet HTML 9Page - ES Systems ESRF-ESF Datasheet HTML 10Page - ES Systems ESRF-ESF Datasheet HTML 11Page - ES Systems ESRF-ESF Datasheet HTML 12Page - ES Systems ESRF-ESF Datasheet HTML 13Page - ES Systems ESRF-ESF Datasheet HTML 14Page - ES Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Datasheet ESRF-ESF
12/14
13. Instructions of Use
The ESRF-ESF sensors are calibrated in a horizontal position. As depicted in the following
graph.
Calibration orientation
For optimal performance, the sensor requires at least 20x ID of laminarizing pipe length in the
flow inlet and another 20x ID in the outlet. ESRF-ESF sensors are calibrated using 20mm ID
pipe diameter. The diameter of the inlet and outlet flow pipes should be as close to the
calibration diameter as possible. It is also possible to insert O-rings in the grooves and attach
tubes with an inner diameter of 23 mm to the ESRF-ESF. The dimensions of the O-ring are
illustrated bellow.
Temperature compensation
The ESRF-ESF sensor features digital temperature compensation. The temperature is
measured on the MEMS element by an on-chip temperature sensor. This data is fed to a
compensation circuit that is also integrated on the microprocessor. Thus, no external
temperature compensation is necessary.
Sensor Handling
The ESRF-ESF sensor is designed to be robust and shock resistant. Nevertheless, the accuracy
of the high-precision ESRF-ESF can be degraded by rough handling. ES Systems does not
guarantee proper operation in case of improper handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com