Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESRF-ESF Fiches technique(PDF) 11 Page - ES Systems

No de pièce ESRF-ESF
Description  Resistive MEMS Gas Flow Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ES [ES Systems]
Site Internet  https://esenssys.com/
Logo ES - ES Systems

ESRF-ESF Fiches technique(HTML) 11 Page - ES Systems

Back Button ESRF-ESF Datasheet HTML 6Page - ES Systems ESRF-ESF Datasheet HTML 7Page - ES Systems ESRF-ESF Datasheet HTML 8Page - ES Systems ESRF-ESF Datasheet HTML 9Page - ES Systems ESRF-ESF Datasheet HTML 10Page - ES Systems ESRF-ESF Datasheet HTML 11Page - ES Systems ESRF-ESF Datasheet HTML 12Page - ES Systems ESRF-ESF Datasheet HTML 13Page - ES Systems ESRF-ESF Datasheet HTML 14Page - ES Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Datasheet ESRF-ESF
11/14
Characteristic
Parameter
Wetted materials degree of protection
IEC IP40 (excluding tubing sections)
Vibration
15g, 10Hz to 2 kHz
Shock
100g, 6ms duration
ESD
ESD IEC6100-4-2 air discharge up to 8 kV, or direct
contact discharge up to 4 kV
EMC/EMI
level 3 from 80 MHz to 1000 MHz per IEC61000-4-
3, 1m shielded cable with 3cm exposed leads at
connector.
Life1
1 million flow cycles minimum
15. Mechanical Specifications (all dimensions in mm)
12. Environmental Specifications
1
Life may vary depending on specific application in which the sensor is used
11. Pinout
Output1
PIN1
PIN2
PIN3
PIN4
PIN5
PIN6
I2C
NC
NC
VCC
GND
SDA
SCL
SPI
CS
MISO
VCC
GND
MOSI
SCLK
Analog
Output +
Output –2
VCC
GND
NC
NC
1
Connector P/N: S6B-PH-K-S, manufacturer: JST
2
Analog ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com