Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STSPIN840 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce STSPIN840
Description  Compact dual brushed DC motor driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN840 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button STSPIN840 Datasheet HTML 16Page - STMicroelectronics STSPIN840 Datasheet HTML 17Page - STMicroelectronics STSPIN840 Datasheet HTML 18Page - STMicroelectronics STSPIN840 Datasheet HTML 19Page - STMicroelectronics STSPIN840 Datasheet HTML 20Page - STMicroelectronics STSPIN840 Datasheet HTML 21Page - STMicroelectronics STSPIN840 Datasheet HTML 22Page - STMicroelectronics STSPIN840 Datasheet HTML 23Page - STMicroelectronics STSPIN840 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Detailed description
STSPIN840
20/28
DocID031835 Rev 1
Figure 11. Overcurrent threshold versus temperature (normalized at 25 °C)
5.4.2
Thermal shutdown
The device has circuitry embedded to protect it from overtemperature conditions.
When the thermal shutdown temperature is reached both the power bridge are disabled and
both the EN\FAULT inputs are forced low through the integrated open-drain MOSFETs (refer
to Figure 12).
The protection and the EN\FAULT outputs are released when the IC temperature returns
below a safe operating value (TjSD - TjSD,Hyst).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28