| Moteur de recherche de fiches techniques de composants électroniques |
|
STSPIN840 Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STSPIN840 Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 28 page ![]() DocID031835 Rev 1 9/28 STSPIN840 Electrical characteristics 28 tPWM,d(OFF) PWMx turn-off propagation delay (2) - 250 - ns tPH,d PHx propagation delay (2) - 450 - ns PWM current control VSNS,OFFSET Current control offset - -15 - 15 mV tBLANK Blanking time - - 1.5 - µs tOFF Total OFF time ROFF = 10 k -13- µs ROFF = 160 k -146 - µs tOFF OFF time precision Full temperature range(1) -20 - +20 % tOFF,jitter Total OFF time jittering - - ±2 - Protections TjSD Thermal shutdown threshold - - 160 - °C TjSD,Hyst Thermal shutdown hysteresis - - 40 - °C IOC Overcurrent protection threshold - - 3 3.5 A 1. Based on characterization data on a limited number of samples, not tested during production. 2. See Figure 4. Table 5. Electrical characteristics (continued) Symbol Parameter Test condition Min. Typ. Max. Unit |