Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EVK-R410M-02B Fiches technique(PDF) 21 Page - u-blox AG

No de pièce EVK-R410M-02B
Description  SARA-R4 series cellular evaluation kits
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  U-BLOX [u-blox AG]
Site Internet  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R410M-02B Fiches technique(HTML) 21 Page - u-blox AG

Back Button EVK-R410M-02B Datasheet HTML 17Page - u-blox AG EVK-R410M-02B Datasheet HTML 18Page - u-blox AG EVK-R410M-02B Datasheet HTML 19Page - u-blox AG EVK-R410M-02B Datasheet HTML 20Page - u-blox AG EVK-R410M-02B Datasheet HTML 21Page - u-blox AG EVK-R410M-02B Datasheet HTML 22Page - u-blox AG EVK-R410M-02B Datasheet HTML 23Page - u-blox AG EVK-R410M-02B Datasheet HTML 24Page - u-blox AG EVK-R410M-02B Datasheet HTML 25Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
EVK-R4 - User guide
UBX-16029216 - R08
Appendix
Page 21 of 31
C1-Public
12. Select the modem, if requested (the question
appears only if more than one modem is available).
13. Enter parameters for dial-up connection:
o
The module telephone number (*99***1#)
o
The specific account information for the
network operator (if needed)
o
A name for the new connection
14. The packet data connection is now ready to be
used with the EVK-R4. To check the connection,
start a browser.
☞ Consult the cellular network operator for the username and password. In most cases, these can
be left empty.
☞ The here below considerations are applicable only to EVK-R422M8S.
In detail the dial-up is working only in the following configurations:
o
UART EVK with AT+USIO=0
o
UART ADP with AT+USIO=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31