Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EVK-R410M-02B Fiches technique(PDF) 4 Page - u-blox AG

No de pièce EVK-R410M-02B
Description  SARA-R4 series cellular evaluation kits
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  U-BLOX [u-blox AG]
Site Internet  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R410M-02B Fiches technique(HTML) 4 Page - u-blox AG

  EVK-R410M-02B Datasheet HTML 1Page - u-blox AG EVK-R410M-02B Datasheet HTML 2Page - u-blox AG EVK-R410M-02B Datasheet HTML 3Page - u-blox AG EVK-R410M-02B Datasheet HTML 4Page - u-blox AG EVK-R410M-02B Datasheet HTML 5Page - u-blox AG EVK-R410M-02B Datasheet HTML 6Page - u-blox AG EVK-R410M-02B Datasheet HTML 7Page - u-blox AG EVK-R410M-02B Datasheet HTML 8Page - u-blox AG EVK-R410M-02B Datasheet HTML 9Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
EVK-R4 - User guide
UBX-16029216 - R08
Starting up
Page 4 of 31
C1-Public
1 Starting up
1.1 EVK-R4 overview
The EVK-R4 kit is a powerful and easy-to-use tool that simplifies the evaluation of the u-blox SARA-R4
series multi-band LTE-M / NB-IoT / EGPRS cellular modules.
The following evaluation kits are available with u-blox SARA-R4 cellular modules:
•
The EVK-R410M evaluation kit is for evaluation of SARA-R410M modules, and more specifically:
o
The EVK-R410M-02B evaluation kit is for the SARA-R410M-02B module product version
o
The EVK-R410M-52B evaluation kit is for the SARA-R410M-52B module product version
o
The EVK-R410M-6 evaluation kit is for the SARA-R410M-63B module product version
o
The EVK-R410M-7 evaluation kit is for the SARA-R410M-73B module product version
o
The EVK-R410M-8 evaluation kit is for the SARA-R410M-83B module product version
•
The EVK-R412M evaluation kit is for evaluation of SARA-R412M modules
•
The EVK-R422M8S evaluation kit is for evaluation of SARA-R422M8S modules
All the evaluation kits are identified herein as the EVK-R4.
☞ See the SARA-R4 series data sheet [2] and the SARA-R4 series system integration manual [3] for
the features supported by the u-blox SARA-R4 series cellular modules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31