Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EVK-R410M-02B Fiches technique(PDF) 13 Page - u-blox AG

No de pièce EVK-R410M-02B
Description  SARA-R4 series cellular evaluation kits
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  U-BLOX [u-blox AG]
Site Internet  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R410M-02B Fiches technique(HTML) 13 Page - u-blox AG

Back Button EVK-R410M-02B Datasheet HTML 9Page - u-blox AG EVK-R410M-02B Datasheet HTML 10Page - u-blox AG EVK-R410M-02B Datasheet HTML 11Page - u-blox AG EVK-R410M-02B Datasheet HTML 12Page - u-blox AG EVK-R410M-02B Datasheet HTML 13Page - u-blox AG EVK-R410M-02B Datasheet HTML 14Page - u-blox AG EVK-R410M-02B Datasheet HTML 15Page - u-blox AG EVK-R410M-02B Datasheet HTML 16Page - u-blox AG EVK-R410M-02B Datasheet HTML 17Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
EVK-R4 - User guide
UBX-16029216 - R08
Starting up
Page 13 of 31
C1-Public
1.7 EVK-R412M pinout
SARA-R412M
DIL B2B
SARA-R412M
DIL B2B
Pin N°
Name
Name / Pin N°
Pin N°
Name
Name / Pin N°
1
GND
J301 pins 7-8-9-10
33
RSVD
Not available
2
RSVD
J301 pin 3
34
I2S_WA
Not available
3
GND
J301 pins 7-8-9-10
35
I2S_TXD
Not available
4
V_INT
J301 pin 36
36
I2S_CLK
Not available
5
GND
J301 pins 7-8-9-10
37
I2S_RXD
Not available
6
DSR
J301 pin 18
38
SIM_CLK
J300 pin 15
7
RI
J301 pin 17
39
SIM_IO
J300 pin 14
8
DCD
J301 pin 11
40
SIM_RST
J300 pin 16
9
DTR
J301 pin 12
41
VSIM
J300 pin 13
10
RTS
J301 pin 13
42
GPIO5
J301 pin 23
11
CTS
J301 pin 14
43
GND
J301 pins 7-8-9-10
12
TXD
J301 pin 15
44
SDIO_D2
J301 pin 30
13
RXD
J301 pin 16
45
SDIO_CLK
J300 pin 19
14
GND
J301 pins 7-8-9-10
46
SDIO_CMD
J300 pin 18
15
PWR_ON
J301 pin 29
47
SDIO_D0
J300 pin 17
16
GPIO1
J301 pin 33
48
SDIO_D3
J301 pin 39
17
VUSB_DET
Not available
49
SDIO_D1
J301 pin 37
18
RESET_N
J300 pin 26
50
GND
J301 pins 7-8-9-10
19
GPIO6
J301 pin 24
51
VCC
J300 pins 7-8-9-10
20
GND
J301 pins 7-8-9-10
52
VCC
J300 pins 7-8-9-10
21
GND
J301 pins 7-8-9-10
53
VCC
J300 pins 7-8-9-10
22
GND
J301 pins 7-8-9-10
54
GND
J301 pins 7-8-9-10
23
GPIO2
J301 pin 31
55
GND
J301 pins 7-8-9-10
24
GPIO3
J301 pin 32
56
ANT
Not available
25
GPIO4
J301 pin 25
57
GND
J301 pins 7-8-9-10
26
SDA
J300 pin 21
58
GND
J301 pins 7-8-9-10
27
SCL
J300 pin 20
59
GND
J301 pins 7-8-9-10
28
USB_D-
Not available
60
GND
J301 pins 7-8-9-10
29
USB_D+
Not available
61
GND
J301 pins 7-8-9-10
30
GND
J301 pins 7-8-9-10
62
ANT_DET
Not available
31
RSVD
Not available
63
GND
J301 pins 7-8-9-10
32
GND
J301 pins 7-8-9-10
64
GND
J301 pins 7-8-9-10
Table 5: Interfaces of the SARA-R412M module, as routed on the 42-pin dual-in-line board-to-board connectors (J300, J301)
available on the adapter board ADP-R412M of the EVK-R412M evaluation kit
☞ The pins / interfaces that are not supported by a specific SARA-R4 product version should not be
driven by an external device (see the SARA-R4 series data sheet [2] and the SARA-R4 series
system integration manual [3] for features supported by each SARA-R4 module product version).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31