Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5045-ASST Fiches technique(PDF) 31 Page - ams AG

No de pièce AS5045-ASST
Description  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5045-ASST Fiches technique(HTML) 31 Page - ams AG

Back Button AS5045-ASST Datasheet HTML 27Page - ams AG AS5045-ASST Datasheet HTML 28Page - ams AG AS5045-ASST Datasheet HTML 29Page - ams AG AS5045-ASST Datasheet HTML 30Page - ams AG AS5045-ASST Datasheet HTML 31Page - ams AG AS5045-ASST Datasheet HTML 32Page - ams AG AS5045-ASST Datasheet HTML 33Page - ams AG AS5045-ASST Datasheet HTML 34Page - ams AG AS5045-ASST Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
ams Datasheet
Page 31
[v2-01] 2017-Jul-13
Document Feedback
AS5045 − Detailed Description
Failure Diagnostics
The AS5045 also offers several diagnostic and failure detection
features:
Magnetic Field Strength Diagnosis
By Software: The MagINC and MagDEC status bits will both be
high when the magnetic field is out of range.
By Hardware: Pins #1 (MagINCn) and #2 (MagDECn) are
open-drain outputs and will both be turned on (= low with
external pull-up resistor) when the magnetic field is out of
range. If only one of the outputs are low, the magnet is either
moving towards the chip (MagINCn) or away from the chip
(MagDECn).
Power Supply Failure Detection
By Software: If the power supply to the AS5045 is interrupted,
the digital data read by the SSI will be all “0”s. Data is only valid,
when bit OCF is high, hence a data stream with all “0”s is invalid.
To ensure adequate low levels in the failure case, a pull-down
resistor (~10k
Ω) should be added between pin DO and VSS at
the receiving side.
By Hardware: The MagINCn and MagDECn pins are open drain
outputs and require external pull-up resistors. In normal
operation, these pins are high ohmic and the outputs are high
(see Figure 15). In a failure case, either when the magnetic field
is out of range of the power supply is missing, these outputs
will become low. To ensure adequate low levels in case of a
broken power supply to the AS5045, the pull-up resistors
(~10k
Ω) from each pin must be connected to the positive
supply at pin 16 (VDD5V).
By Hardware, PWM Output: The PWM output is a constant
stream of pulses with 1kHz repetition frequency. In case of
power loss, these pulses are missing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47